Part Number Hot Search : 
P80NF5 NDV4916E D84DM2 D74LV BH7601FS MC1906L ISL43410 CH430
Product Description
Full Text Search
 

To Download BC048A080M024FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM TM Bus Converter
Features
* 100C baseplate operation * 48 V to 8 V Bus Converter * 240 Watt (360 Watt for 1 ms) * High density - up to 312 W/in3 * Small footprint - 1.64 and 2.08 in2
Size: 1.91 x 1.09 x 0.37 in 48,6 x 27,7 x 9,5 mm
* Typical efficiency 96% * <1 s transient response * >3.5 million hours MTBF * Isolated output * No output filtering required * Lead free wave solder compatible * Agency approvals
* Height above board - 0.37 in (9.5 mm) * Low weight - 1.10 oz (31.3 g)
Applications
* Isolated intermediate bus for non-isolated POL * Telecommunication systems * Networking * Servers * ATE
* ZVS / ZCS isolated sine amplitude converter
Product Overview
VI BRICK BCM modules use advanced Sine Amplitude ConverterTM (SACTM) technology, thermally enhanced packaging technologies, and advanced CIM processes to provide high power density and efficiency, superior transient response, and improved thermal management. These modules can be used to provide an isolated intermediate bus to power non-isolated POL converters and due to the fast response time and low noise of the BCM, capacitance can be reduced or eliminated near the load.
Part Numbering
BC
Bus Converter Module
048
Input Voltage Designator
A
Package Size
080
Output Voltage Designator (=VOUT x10)
T
024
Output Power Designator (=POUT /10)
F
P
Product Grade Temperatures (C) Grade T= M= Operating Storage
Baseplate F = Slotted flange T = Transverse heat sink[a]
[a] contact
Pin Style P = Through hole
-40 to +100 -40 to +125 -55 to +100 -65 to +125
factory
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 1 of 11
SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
Absolute Maximum Ratings
Parameter +In to -In +In to -In PC to -In +Out to -Out Isolation voltage Output current Peak output current Output power Peak output power Operating temperature Storage temperature Values -1.0 to 60 100 -0.3 to 7.0 -0.5 to 16 2,250 39 45.0 240 360 -40 to +100 -55 to +100 -40 to +125 -65 to +125 Unit Vdc Vdc Vdc Vdc Vdc A A W W C C C C Input to output Continuous For 1 ms Continuous For 1 ms T-Grade; baseplate M-Grade; baseplate T-Grade M-Grade For 100 ms Notes
Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
Input Specifications
Parameter Input voltage range Input dV/dt Input undervoltage turn-on Input undervoltage turn-off Input overvoltage turn-on Input overvoltage turn-off Input quiescent current Inrush current overshoot Input current Input reflected ripple current No load power dissipation Internal input capacitance Internal input inductance
(Conditions are at 48 Vin, full load, and 25C ambient unless otherwise specified)
Min 38 Typ 48 Max 55 1 37.4 32.0 55.5 59.5 2.5 5.9 5.4 120 3.2 3.6 5 47 5.0 Unit Vdc V/s Vdc Vdc Vdc Vdc mA A Adc mA p-p W F nH F 200 nH maximum source inductance; See Figure 15 Using test circuit in Figure 15; See Figure 4 PC low Using test circuit in Figure 15; See Figure 1 Notes
Recommended external input capacitance
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 2 of 11
SPECIFICATIONS (CONT.)
INPUT WAVEFORMS
Figure 1 -- Inrush transient current at full load and 48 Vin with PC enabled
Figure 2 -- Output voltage turn-on waveform with PC enabled at full load and 48 Vin
Figure 3 -- Output voltage turn-on waveform with input turn-on at full load and 48 Vin
Figure 4 -- Input reflected ripple current at full load and 48 Vin
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 3 of 11
SPECIFICATIONS (CONT.) Output Specifications
Parameter Output voltage Output power Rated DC current Peak repetitive power Current share accuracy Efficiency Half load Full load Internal output inductance Internal output capacitance Load capacitance Output overvoltage setpoint Output ripple voltage No external bypass 30 F bypass capacitor Short circuit protection set point Average short circuit current Effective switching frequency Line regulation K Load regulation ROUT Transient response Voltage overshoot Response time Recovery time Output overshoot Input turn-on PC enable Output turn-on delay From application of power From release of PC pin 5 95.2 95.0 96.0 95.8 1.6 48 2,300 9.3 132 17 42 3.10 0.1650 0.3 3.20 1/6 7.5 200 200 1 0 0 270 78 3.30 0.1683 10.0 m mV ns s mV mV ms ms 100% load step; See Figures 10 and 11 See Figures 10 and 11 See Figures 10 and 11 No output filter; See Figure 3 No output filter; See Figure 2 No output filter; See Figure 3 No output filter 220
(Conditions are at 48 Vin, full load, and 25C ambient unless otherwise specified)
Min 6.34 6.04 0 0 0 Typ Max 9.16 8.89 240 232 39 360 10 Unit Vdc Vdc W W Adc W % % % nH F F Vdc mVp-p mVp-p Adc A MHz Note No load Full load 39 - 55 VIN 38 - 55 VIN POUT 240 W Max pulse width 1ms, max duty cycle 10%, baseline power 50% See Parallel Operation on Page 8 See Figure 5 See Figure 5 Effective value
See Figures 7 and 9 See Figure 8 Module will shut down Fixed, 1.6 MHz per phase VOUT = K*VIN at no load
OUTPUT WAVEFORMS Efficiency vs. Output Power
98 12
Power Dissipation
Power Dissipation (W)
10 8 6 4 2
96
Efficiency (%)
94 92 90 88 86 84 82 0 30 60 90 120 150 180 210 240
0
30
60
90
120
150
180
210
240
Output Power (W)
Output Power (W)
Figure 5 -- Efficiency vs. output power Bus Converter Module BC048A080T024FP
Figure 6 -- Power dissipation as a function of output power vicorpower.com Rev. 1.0 Page 4 of 11
SPECIFICATIONS (CONT.)
OUTPUT WAVEFORMS
Figure 7 -- Output voltage ripple at full load and 48 Vin without any external bypass capacitor.
Figure 8 -- Output voltage ripple at full load and 48 Vin with 30 F ceramic external bypass capacitor and 20 nH of distribution inductance.
Ripple vs. Output Power
150
Output Ripple (mVpk-pk)
130 110 90 70 50 30 10 0 30 60 90 120 150 180 210 240
Output Power (W)
Figure 9 -- Output voltage ripple vs. output power at 48 Vin without any external bypass capacitor.
Figure 10 -- 0 -30 A load step with 100 F input capacitor and no output capacitor.
Figure 11 -- 30- 0 A load step with 100 F input capacitor and no output capacitor.
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 5 of 11
SPECIFICATIONS (CONT.) General Specifications
Parameter MTBF MIL-HDBK-217F Isolation specifications Voltage Capacitance Resistance Agency approvals 10 cTUVus CE Mark RoHS Mechanical Weight Dimensions Length Width Height Thermal Over temperature shutdown Thermal capacity Baseplate to ambient Baseplate to ambient; 1000 LFM Baseplate to sink; flat greased surface Baseplate to sink; thermal pad 125 130 23.8 7.7 2.9 0.40 0.36 135 C Ws /C C / W C / W C / W C / W Junction temperature 1.91/ 48,6 1.09/ 27,7 0.37/ 9,5 in / mm in / mm in / mm Baseplate model Baseplate model Baseplate model 1.10/31,3 oz /g See Mechanical Drawings, Figure 18, 19 2,250 3,000 Vdc pF M Input to output Input to output Input to output UL /CSA 60950-1, EN 60950-1 Low voltage directive 3.5 Mhrs 25C, GB Min Typ Max Unit Notes
Auxiliary Pins
Parameter Primary control (PC) DC voltage Module disable voltage Module enable voltage Current limit Enable delay time Disable delay time 2.4 4.8 2.4 5.0 2.5 2.5 2.5 78 30 2.6 2.9 5.2 Vdc Vdc Vdc mA ms s See Figure 12, time from PC low to output low Source only Min Typ Max Unit Notes
Figure 12 -- VOUT at full load vs. PC disable Bus Converter Module BC048A080T024FP
Figure 13 -- PC signal during fault vicorpower.com Rev. 1.0 Page 6 of 11
PIN / CONTROL FUNCTIONS
+In / -In - DC Voltage Input Ports
The VI BRICK (BCM) input voltage range should not be exceeded. An internal under / over voltage lockout function prevents operation outside of the normal operating input range. The BCM turns on within an input voltage window bounded by the "Input undervoltage turn-on" and "Input overvoltage turn-off" levels, as specified. The BCM may be protected against accidental application of a reverse input voltage by the addition of a rectifier in series with the positive input, or a reverse rectifier in shunt with the positive input located on the load side of the input fuse. The connection of the BCM to its power source should be implemented with minimal distribution inductance. If the interconnect inductance exceeds 100 nH, the input should be bypassed with a RC damper to retain low source impedance and stable operation. With an interconnect inductance of 200 nH, the RC damper may be 47 F in series with 0.3 . A single electrolytic or equivalent low-Q capacitor may be used in place of the series RC bypass.
+Out / -Out - DC Voltage Output Ports
Two sets of contacts are provided for the +Out port. They must be connected in parallel with low interconnect resistance. Similarly, two sets of contacts are provided for the -Out port. They must be connected in parallel with low interconnect resistance. Within the specified operating range, the average output voltage is defined by the Level 1 DC behavioral model of Figure 16. The current source capability of the BCM is rated in the specifications section of this document. The low output impedance of the BCM reduces or eliminates the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters. Total load capacitance at the output of the BCM should not exceed the specified maximum. Owing to the wide bandwidth and low output impedance of the BCM, low frequency bypass capacitance and significant energy storage may be more densely and efficiently provided by adding capacitance at the input of the BCM.
PC - Primary Control
The Primary Control port is a multifunction node that provides the following functions: Enable / Disable - If the PC port is left floating, the BCM output is enabled. Once this port is pulled lower than 2.4 Vdc with respect to -In, the output is disabled. This action can be realized by employing a relay, opto-coupler, or open collector transistor. Refer to Figures 1-3, 12 and 13 for the typical enable / disable characteristics. This port should not be toggled at a rate higher than 1 Hz. The PC port should also not be driven by or pulled up to an external voltage source.
Primary Auxiliary Supply - The PC port can source up to 2.4 mA at 5.0 Vdc. The PC port should never be used to sink current. Alarm - The BCM contains circuitry that monitors output overload, input overvoltage or undervoltage, and internal junction temperatures. In response to an abnormal condition in any of the monitored parameters, the PC port will toggle. Refer to Figure 13 for PC alarm characteristics.
TM and RSV - Reserved for factory use.
Figure 14 -- VI BRICK BCM pin configuration (viewed from pin side)
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 7 of 11
APPLICATION NOTES AND TEST CIRCUIT
Parallel Operation
The BCM will inherently current share when operated in an array. Arrays may be used for higher power or redundancy in an application. Current sharing accuracy is maximized when the source and load impedance presented to each BCM within an array are equal. The recommended method to achieve matched impedances is to dedicate common copper planes within the PCB to deliver and return the current to the array, rather than rely upon traces of varying lengths. In typical applications the current being delivered to the load is larger than that sourced from the input, allowing traces to be utilized on the input side if necessary. The use of dedicated power planes is, however, preferable. The BCM power train and control architecture allow bi-directional power transfer, including reverse power processing from the BCM output to its input. Reverse power transfer is enabled if the BCM input is within its operating range and the BCM is otherwise enabled. The BCM's ability to process power in reverse improves the BCM transient response to an output load dump. Anomalies in the response of the source will appear at the output of the BCM multiplied by its K factor. The DC resistance of the source should be kept as low as possible to minimize voltage deviations. This is especially important if the BCM is operated near low or high line as the over/under voltage detection circuitry could be activated.
Input Fuse Recommendations
VI BRICKs are not internally fused in order to provide flexibility in configuring power systems. However, input line fusing of VI BRICKs must always be incorporated within the power system. A fast acting fuse should be placed in series with the +In port. For agency approvals and fusing conditions, click on the link below: http://www.vicorpower.com/technical_library/technical_documentation/quality_and _certification/safety_approvals/
Input Impedance Recommendations
To take full advantage of the BCM capabilities, the impedance presented to its input terminals must be low from DC to approximately 5 MHz. The source should exhibit low inductance (less than 100 nH) and should have a critically damped response. If the interconnect inductance exceeds 100 nH, the BCM input pins should be bypassed with an RC damper (e.g., 47 F in series with 0.3 ) to retain low source impedance and stable operations. Given the wide bandwidth of the BCM, the source response is generally the limiting factor in the overall system response.
Application Notes
For BCM and VI BRICK application notes on soldering, board layout, and system design please click on the link below: http://www.vicorpower.com/technical_library/application_information/
Applications Assistance
Please contact Vicor Applications Engineering for assistance, 1-800-927-9474, or email at apps@vicorpower.com.
7 A [a] Fuse F1
Input reflected ripple measurement point
+
+IN
+OUT
+
R3 10 m
Enable/Disable Switch
C1 47 F
electrolytic
-OUT
R2
2 k SW1
TM RSV PC
BCM
+OUT
Load
C3 30 F
D1
-IN
-OUT
-
-
Notes: 1. Source inductance should be no more than 200 nH. If source inductance is greater than 200 nH, additional bypass capacitance may be required. 2. C3 should be placed close to the load. 3. R3 may be ESR of C3 or a separate damping resistor. 4. D1 power good indicator will dim when a module fault is detected.
[a]
See Input Fuse Recommendations section
Figure 15 -- VI BRICK BCM test circuit
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 8 of 11
BEHAVIORAL MODELS
VI BRICK Bus Converter Level 1 DC Behavioral Model for 48 V to 8 V, 240 W
IOUT ROUT
7.5 m 1/6 * Iout
+
V*I
1/6 * Vin
+
VIN
IQ
67 mA
+ -
K
+
VOUT
-
-
(c)
-
Figure 16 -- This model characterizes the DC operation of the VI BRICK bus converter, including the converter transfer function and its losses. The model enables estimates or simulations of output voltage as a function of input voltage and output load, as well as total converter power dissipation or heat generation.
VI BRICK Bus Converter Level 2 Transient Behavioral Model for 48 V to 8 V, 240 W
0.7 nH
LIN = 5 nH
IOUT
ROUT
7.5 m
Lout = 1.61 nH
+
RCIN
1.3 m 1/6 * Iout
V*I
2.7 m
RCOUT
0.2 m
+
CIN VIN
3.6 F
IQ
67 mA
+ -
K
+ -
1/6 * Vin
COUT
48 F
VOUT
-
-
(c)
Figure 17 -- This model characterizes the AC operation of the VI BRICK bus converter including response to output load or input voltage transients or steady state modulations. The model enables estimates or simulations of input and output voltages under transient conditions, including response to a stepped load with or without external filtering elements.
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 9 of 11
MECHANICAL DRAWINGS
Baseplate - Slotted Flange
Heat Sink (Transverse)
Figure 18 -- Module outline
Recommended PCB Pattern (Component side shown)
Figure 19 -- PCB mounting specifications
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
Page 10 of 11
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages.
Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice. Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department. The products described on this data sheet are protected by the following U.S. Patents Numbers: 5,945,130; 6,403,009; 6,710,257; 6,911,848; 6,930,893; 6,934,166; 6,940,013; 6,969,909; 7,038,917; 7,166,898; 7,187,263; 7,361,844; D496,906; D505,114; D506,438; D509,472; and for use under 6,975,098 and 6,984,965
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com
Bus Converter Module
BC048A080T024FP
vicorpower.com
Rev. 1.0
3/08


▲Up To Search▲   

 
Price & Availability of BC048A080M024FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X